| データシートサーチシステム |
|
L9965P-FN データシート(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965P-FN データシート(HTML) 68 Page - STMicroelectronics |
|
68 / 104 page ![]() Table 48. DIAG_CMD - 0x04 Field name Type Bit offset Bit width Reset value Reset sources Description UNUSED RO 9 1 0x0 nPOR_MAIN SPI_DIAG_RUNNING RO 8 1 0x0 nPOR_MAIN 0 = On-demand diag is not running 1 = On-demand diag is running SPI_DIAG_END CR 7 1 0x0 nPOR_MAIN 0 = On-demand diag not completed 1 = On-demand diag completed DIAG_START WO 6 1 0x0 nPOR_MAIN 1 = Start on-demand diag routine ABIST RW 5 1 0x0 nPOR_MAIN 1 = Enable ABIST execution in on-demand diag routine ADC_HWSC RW 4 1 0x0 nPOR_MAIN 1 = Enable HWSC execution in on-demand diag routine VRCM_LEAK_TEST RW 3 1 0x0 nPOR_MAIN 1 = Enable VRCM check and leak test execution in on-demand diag routine PYRO_RES RW 2 1 0x0 nPOR_MAIN 1 = Enable pyro res meas execution in on- demand diag routine FET_TEST RW 1 1 0x0 nPOR_MAIN 1 = Enable FET test execution in on- demand diag routine ER_CAP RW 0 1 0x0 nPOR_MAIN 1 = Enable ER cap diag execution in on- demand diag routine Table 49. ADC_CONV_CMD - 0x05 Field name Type Bit offset Bit width Reset value Reset sources Description UNUSED RW 6 4 0x0 nPOR_MAIN ADC_BUSY RO 5 1 0x0 nPOR_MAIN 0 = ADC not busy 1 = ADC busy ADC_CONV_RDY CR 4 1 0x0 nPOR_MAIN 0 = ADC conversion not available 1 = ADC conversion available AMUX_CONF RW 1 3 0x0 nPOR_MAIN AMUX config: 000 = PS 001 = PF 010 = PR 011 = PF-PR (pre) 100 = PF-PR (post) 101 = ERBST 110 = VRCM 111 = Not used ADC_CONV_CMD WO 0 1 0x0 nPOR_MAIN 1 = Start ADC conversion Table 50. ADC_CONV_RESULT - 0x06 Field name Type Bit offset Bit width Reset value Reset sources Description ADC_CONVERSION RO 0 10 0x0 nPOR_MAIN ADC result L9965P Functional description DS14702 - Rev 4 page 68/104 |