| データシートサーチシステム |
|
L9965P-FN データシート(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965P-FN データシート(HTML) 78 Page - STMicroelectronics |
|
78 / 104 page ![]() Table 75. CLIENT_NVM_REG_5 - 0x25 Field name Type Bit offset Bit width Reset value Reset sources Description TRIM_FET_NCYCLE RW 8 2 0x0 nPOR_SLEEP Periodicity of cyclic FET test: 00 = 1, 01 = 4, 10 = 16, 11 = 64 TRIM_PYRO_RES_NCYCLE RW 6 2 0x0 nPOR_SLEEP Periodicity of cyclic resistance measurement: 00 = 1, 01 = 4, 10 = 16, 11 = 64 TRIM_PF_FET_FAIL_FAULTN_MSK RW 5 1 0x0 nPOR_SLEEP 1 = FAULTN assertion from PF_FET_FAIL masked TRIM_DEP_MON_THR RW 0 5 0x0 nPOR_SLEEP Deployment current monitor threshold Table 76. CLIENT_NVM_REG_6 - 0x26 Field name Type Bit offset Bit width Reset value Reset sources Description TRIM_ER_CAP_NCYCLE RW 8 2 0x0 nPOR_SLEEP Periodicity of cyclic ER_CAP diag: 00 = 1, 01 = 4, 10 = 16, 11 = 64 TRIM_PF_PR_STB_STG_FAULTN_MSK RW 7 1 0x0 nPOR_SLEEP 1 = FAULTN assertion from PF_STG, PF_STB, PR_STG and PR_STB masked TRIM_ERCAP_FAULTN_MSK RW 6 1 0x0 nPOR_SLEEP 1 = FAULTN assertion from ERCAP fails masked TRIM_LEAK_LOW_FAULTN_MSK RW 5 1 0x0 nPOR_SLEEP 1 = FAULTN assertion from VRCM_STB_FAIL and VRCM_STG_FAIL masked TRIM_VRCM_HWSC_FAULTN_MSK RW 4 1 0x0 nPOR_SLEEP 1 = FAULTN assertion from VRCM_HWSC_FAIL masked TRIM_PF_PR_POST_HWSC_FAULTN_MSK RW 3 1 0x0 nPOR_SLEEP 1 = FAULTN assertion from PF_PR_POST_HWSC_FAIL masked TRIM_PF_PR_PRE_HWSC_FAULTN_MSK RW 2 1 0x0 nPOR_SLEEP 1 = FAULTN assertion from PF_PR_PRE_HWSC_FAIL masked TRIM_ADC_HWSC_NCYCLE RW 0 2 0x0 nPOR_SLEEP Periodicity of cyclic ADC_HWSC diag: 00 = 1, 01 = 4, 10 = 16, 11 = 64 L9965P Functional description DS14702 - Rev 4 page 78/104 |