データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9965T データシート(PDF) 59 Page - STMicroelectronics

部品番号 L9965T
部品情報  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T データシート(HTML) 59 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 54Page - STMicroelectronics L9965T Datasheet HTML 55Page - STMicroelectronics L9965T Datasheet HTML 56Page - STMicroelectronics L9965T Datasheet HTML 57Page - STMicroelectronics L9965T Datasheet HTML 58Page - STMicroelectronics L9965T Datasheet HTML 59Page - STMicroelectronics L9965T Datasheet HTML 60Page - STMicroelectronics L9965T Datasheet HTML 61Page - STMicroelectronics L9965T Datasheet HTML 62Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
List of figures
Figure 1.
L9965T in a L9965x-based BMS system .................................................. 2
Figure 2.
Single die block diagram ............................................................. 4
Figure 3.
Pinout L9965T (top view) ............................................................. 5
Figure 4.
Pinout L9965T (top view) ............................................................. 5
Figure 5.
L9965T/TS functional state mode (FSM) ................................................. 12
Figure 6.
Wakeup by fault of a daisy chain device ................................................. 14
Figure 7.
Wakeup condition by SPI Slave ....................................................... 15
Figure 8.
CYCLIC_WAKEUP operation ......................................................... 17
Figure 9.
SPI – VIF interface management ...................................................... 26
Figure 10.
SPI Target timing diagram ........................................................... 30
Figure 11.
VIF waveform .................................................................... 32
Figure 12.
Single read/write frame protocol ....................................................... 35
Figure 13.
SPI burst read ................................................................... 38
Figure 14.
Accessing the FIFO from the same side of the ring .......................................... 39
Figure 15.
Accessing the FIFO from the opposite side of the ring ........................................ 39
Figure 16.
Wakeup by MCU.................................................................. 41
Figure 17.
BNE pin structure ................................................................. 44
Figure 18.
FLT pin structure.................................................................. 45
Figure 19.
WKP pin application circuit ........................................................... 45
Figure 20.
Application circuit – capacitive isolation .................................................. 51
Figure 21.
Application circuit – transformer isolation ................................................. 52
Figure 22.
LQFP32L (7x7x1.4 mm 5V FULL PLASTIC) package outline ................................... 54
L9965T/L9965TS
List of figures
DS14987 - Rev 1
page 59/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62