データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9965T データシート(PDF) 3 Page - STMicroelectronics

部品番号 L9965T
部品情報  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T データシート(HTML) 3 Page - STMicroelectronics

  L9965T Datasheet HTML 1Page - STMicroelectronics L9965T Datasheet HTML 2Page - STMicroelectronics L9965T Datasheet HTML 3Page - STMicroelectronics L9965T Datasheet HTML 4Page - STMicroelectronics L9965T Datasheet HTML 5Page - STMicroelectronics L9965T Datasheet HTML 6Page - STMicroelectronics L9965T Datasheet HTML 7Page - STMicroelectronics L9965T Datasheet HTML 8Page - STMicroelectronics L9965T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
•
CYCLIC_WAKEUP/CYCLIC_COUNT: low power modes to send a periodic tone and trigger cyclic
diagnostics in the chained devices during low power operation. In these states the device is sensitive to
wakeup tones both from the VIF in case of fault and from the SPI by the MCU
•
DEEPSLEEP: Ultralow power state for managing long inactivity periods. In this state the device is sensitive
to wakeup tones both from the VIF in case of fault and from the SPI by the MCU.
L9965T/L9965TS
Overview
DS14987 - Rev 1
page 3/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62