| データシートサーチシステム |
|
07R3513 データシート(PDF) 3 Page - Elma Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
07R3513 データシート(HTML) 3 Page - Elma Electronic Ltd |
|
3 / 7 page ![]() www.elma.com 06|20 3|7 Horizontal, mit Achse, ohne Zentralbefestigung Horizontal, Schraubendreher Frontplattenversion Horizontal, mit Achse, mit Zentralbefestigung Vertikal, mit Achse, ohne Zentralbefestigung Vertikal, Schraubendreherversion Vertikal, mit Achse, mit Zentralbefestigung M6 x 0.75 2 1 SELECTOR SWITCH 07R DATASHEET View from component side of the PCB HORIZONTAL, WITH SHAFT, WITHOUT THREADED BUSHING HORIZONTAL, WITH SHAFT, WITH THREADED BUSHING View from component side of the PCB FRONT PANEL CUT OUT NUT HEX NUT (SUPPLIED) SLOTTED NUT Dimensions in mm Tolerances according to DIN ISO 2768-1 (m), unless otherwise specified VERTICAL, WITH SHAFT, WITHOUT THREADED BUSHING VERTICAL, WITH SHAFT, WITH THREADED BUSHING View from component side of the PCB View from component side of the PCB All h oles Ø 0.9 All h oles Ø 0.9 Commons (C2, C3) must be connected together on the PCB. Commons (C2, C3) must be connected together on the PCB. Commons (C2, C3) must be connected together on the PCB. Commons (C2, C3) must be connected together on the PCB. Dimensions and pin assignment DRILLING DIAGRAM AND FOOTPRINT |