| データシートサーチシステム |
|
07R3513 データシート(PDF) 5 Page - Elma Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
07R3513 データシート(HTML) 5 Page - Elma Electronic Ltd |
|
5 / 7 page ![]() www.elma.com 06|20 5|7 SELECTOR SWITCH 07R DATASHEET SWITCHING MODE FUNCTION (POLES X POSITIONS) PART NUMBER Shorting 1 x 4 07R1423 Non-shorting 1 x 4 07R1424 Shorting 1 x 5 (4 electrical positions) 07R1513 Non-shorting 1 x 5 (4 electrical positions) 07R1514 SWITCHING MODE FUNCTION (POLES X POSITIONS) PART NUMBER Shorting 1 x 4 07R4423 Non-shorting 1 x 4 07R4424 Shorting 1 x 5 (4 electrical positions) 07R4513 Non-shorting 1 x 5 (4 electrical positions) 07R4514 SWITCHING MODE FUNCTION (POLES X POSITIONS) PART NUMBER Shorting 1 x 4 07R1423-30000 Non-shorting 1 x 4 07R1424-30000 Shorting 1 x 5 (4 electrical positions) 07R1513-30000 Non-shorting 1 x 5 (4 electrical positions) 07R1514-30000 Screwdriver with bezel | front panel operation With shaft, with threaded bushing, IP68 1 For other types | options see ordering code Ordering information STANDARD TYPES1 HORIZONTAL With shaft, without threaded bushing |