| データシートサーチシステム |
|
STM32L151VDT7TR データシート(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VDT7TR データシート(HTML) 51 Page - STMicroelectronics |
|
51 / 154 page ![]() PB11 - TIM2_CH4 - - I2C2_SDA - - USART3_RX - SEG11 - - EVENT OUT PB12 - - - TIM10_CH1 I2C2_SMBA SPI2_NSS I2S2_WS - USART3_CK - SEG12 - - EVENT OUT PB13 - - - TIM9_CH1 - SPI2_SCK I2S2_CK - USART3_CTS - SEG13 - - EVENT OUT PB14 - - - TIM9_CH2 - SPI2_MISO - USART3_RTS - SEG14 - - EVENT OUT PB15 - - - TIM11_CH1 - SPI2_MOSI I2S2_SD -- - SEG15 - - EVENT OUT PC0 - - - - - - - - SEG18 - TIMx_IC1 EVENT OUT PC1 - - - - - - - - - SEG19 - TIMx_IC2 EVENT OUT PC2 - - - - - - - - - SEG20 - TIMx_IC3 EVENT OUT PC3 - - - - - - - - - SEG21 - TIMx_IC4 EVENT OUT PC4 - - - - - - - - - SEG22 - TIMx_IC1 EVENT OUT PC5 - - - - - - - - - SEG23 - TIMx_IC2 EVENT OUT PC6 - - TIM3_CH1 - - I2S2_MCK - - - SEG24 SDIO_D6 TIMx_IC3 EVENT OUT PC7 - - TIM3_CH2 - - - I2S3_MCK - - SEG25 SDIO_D7 TIMx_IC4 EVENT OUT PC8 - - TIM3_CH3 - - - - - - SEG26 SDIO_D0 TIMx_IC1 EVENT OUT PC9 - - TIM3_CH4 - - - - - - SEG27 SDIO_D1 TIMx_IC2 EVENT OUT Table 9. Alternate function input/output (continued) Port name Digital alternate function number AFIO0 AFIO1 AFIO2 AFIO3 AFIO4 AFIO5 AFIO6 AFIO7 AFIO8 .. AFIO11 AFIO12 .. AFIO14 AFIO15 Alternate function SYSTEM TIM2 TIM3/4/5 TIM9/ 10/11 I2C1/2 SPI1/2 SPI3 USART1/2/3 UART4/5 LCD FSMC/ SDIO CPRI SYSTEM |