| データシートサーチシステム |
|
STM32L151VDT7TR データシート(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VDT7TR データシート(HTML) 52 Page - STMicroelectronics |
|
52 / 154 page ![]() PC10 - - - - - - SPI3_SCK I2S3_CK USART3_TX UART4_TX COM4/ SEG28/ SEG40 SDIO_D2 TIMx_IC3 EVENT OUT PC11 - - - - - - SPI3_MISO USART3_RX UART4_RX COM5/ SEG29 /SEG41 SDIO_D3 TIMx_IC4 EVENT OUT PC12 - - - - - - SPI3_MOSI I2S3_SD USART3_CK UART5_TX COM6/ SEG30/ SEG42 SDIO_CK TIMx_IC1 EVENT OUT PC13-WKUP2 - - - - - - - - - - - TIMx_IC2 EVENT OUT PC14 OSC32_IN - - - - - - - - - - - TIMx_IC3 EVENT OUT PC15 OSC32_OUT - - - - - - - - - - - TIMx_IC4 EVENT OUT PD0 - - - TIM9_CH1 - SPI2_NSS I2S2_WS -- - - D2 /DA2 TIMx_IC1 EVENT OUT PD1 - - - - - SPI2 SCK I2S2_CK -- - - D3 /DA3 TIMx_IC2 EVENT OUT PD2 - - TIM3_ETR - - - - - UART5_RX COM7/ SEG31/ SEG43 SDIO_ CMD TIMx_IC3 EVENT OUT PD3 - - - - - SPI2_MISO - USART2_CTS - - CLK TIMx_IC4 EVENT OUT PD4 - - - - - SPI2_MOSI I2S2_SD - USART2_RTS - - NOE TIMx_IC1 EVENT OUT PD5 - - - - - - - USART2_TX - - NWE TIMx_IC2 EVENT OUT PD6 - - - - - - - USART2_RX - - NWAIT TIMx_IC3 EVENT OUT PD7 - - - TIM9_CH2 - - - USART2_CK - - NE1 TIMx_IC4 EVENT OUT Table 9. Alternate function input/output (continued) Port name Digital alternate function number AFIO0 AFIO1 AFIO2 AFIO3 AFIO4 AFIO5 AFIO6 AFIO7 AFIO8 .. AFIO11 AFIO12 .. AFIO14 AFIO15 Alternate function SYSTEM TIM2 TIM3/4/5 TIM9/ 10/11 I2C1/2 SPI1/2 SPI3 USART1/2/3 UART4/5 LCD FSMC/ SDIO CPRI SYSTEM |