| データシートサーチシステム |
|
STA109X データシート(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA109X データシート(HTML) 74 Page - STMicroelectronics |
|
74 / 127 page ![]() Electrical Characteristics STA108x, STA109x 74/127 DS13319 Rev 2 Figure 14. Initial Power-up Sequence (without VDDOK) Table 40. Initial Power-up Sequence Timings (without VDDOK) Note: For the Power-Up sequence without VDDOK see Figure 14. Symbol Parameter Timing Unit Min. Max. t1 SR PWREN to last voltage stable - 174(1) 1. This value is programmable in the Power Management Unit. By default, at POR, is set to the maximum of 174 ms. ms t2 SR Last voltage stable to SYSRSTn 10 - µs VDDIO_IO_ON VDD_ON_VREG VDD VDD_IO PWREN POR2LV (internal) SYSRSTn (optional) See Figure 12 t1 t2 LVI VDDOK |