データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA109X データシート(PDF) 78 Page - STMicroelectronics

部品番号 STA109X
部品情報  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA109X データシート(HTML) 78 Page - STMicroelectronics

Back Button STA109X Datasheet HTML 74Page - STMicroelectronics STA109X Datasheet HTML 75Page - STMicroelectronics STA109X Datasheet HTML 76Page - STMicroelectronics STA109X Datasheet HTML 77Page - STMicroelectronics STA109X Datasheet HTML 78Page - STMicroelectronics STA109X Datasheet HTML 79Page - STMicroelectronics STA109X Datasheet HTML 80Page - STMicroelectronics STA109X Datasheet HTML 81Page - STMicroelectronics STA109X Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 127 page
background image
Electrical Characteristics
STA108x, STA109x
78/127
DS13319 Rev 2
4.13
SD/MMC Timings
Figure 17. SD/MMC Timing Diagrams: Data input/output
Note:
SD/MMC Timings
Source: JEDEC Standard No. 84-A44
Invalid
Invalid
DATA
DATA
OUTPUT
INPUT
SDMMC_CLK
DATA
DATA
tODLY
tTLH
tTHL
tIH
tWL
tWH
tPP
50% VDD
50% VDD
min (VIH)
max (VIL)
min (VIH)
max (VIL)
min (VOH)
max (VOL)
tISU
Data is always sampled, by the card or the controller, on the rising edge of the clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More