データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA109X データシート(PDF) 121 Page - STMicroelectronics

部品番号 STA109X
部品情報  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA109X データシート(HTML) 121 Page - STMicroelectronics

Back Button STA109X Datasheet HTML 117Page - STMicroelectronics STA109X Datasheet HTML 118Page - STMicroelectronics STA109X Datasheet HTML 119Page - STMicroelectronics STA109X Datasheet HTML 120Page - STMicroelectronics STA109X Datasheet HTML 121Page - STMicroelectronics STA109X Datasheet HTML 122Page - STMicroelectronics STA109X Datasheet HTML 123Page - STMicroelectronics STA109X Datasheet HTML 124Page - STMicroelectronics STA109X Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 127 page
background image
DS13319 Rev 2
121/127
STA108x, STA109x
Ballout
126
Figure 39. STA109x Ballout (bottom left) diagram
L
I2S0_BC
LK
I2S0_FS
UART0_
CTS
UART0_
RTS
VDD
VDD_IO
GND
GND
GND
GND
M
GPIO30 GPIO33 GPIO32 GPIO31
VDD
VDD_IO VDD_IO VDD_IO VDD_IO VDD_IO
N
SPI0_SC
K
SPI0_SS
SPI0_RX
D
SPI0_TX
D
VDD
VDD
VDD_IO VDD_IO VDD_IO
VDD
P
S_GPIO
7
S_GPIO
6
S_GPIO
5
S_GPIO
4
GPIO14
7
GPIO14
9
GPIO15
1
GPIO15
3
GPIO11
4
GPIO11
0
R
GPIO22 GPIO23 GPIO24 GPIO25
GPIO14
8
GPIO14
2
GPIO15
2
GPIO15
4
GPIO11
5
GPIO11
1
T
JTAG_T
DI
JTAG_T
DO
JTAG_T
CK
JTAG_T
MS
GPIO14
1
GPIO13
9
GPIO13
7
GPIO14
5
GPIO11
6
GPIO11
2
U
GPIO76
JTAG_T
RSTn
GPIO14
4
GPIO14
3
GPIO15
0
GPIO14
0
GPIO13
8
GPIO14
6
GPIO10
6
GPIO11
3
V
GPIO77 GPIO78 GPIO80 GPIO74 GPIO84 GPIO82 GPIO86 GPIO50 GPIO64 GPIO62
W
GND
GPIO79 GPIO75 GPIO73 GPIO81 GPIO83 GPIO51 GPIO54 GPIO63 GPIO61
1
2
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More