データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA1090 データシート(PDF) 95 Page - STMicroelectronics

部品番号 STA1090
部品情報  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1090 データシート(HTML) 95 Page - STMicroelectronics

Back Button STA1090 Datasheet HTML 91Page - STMicroelectronics STA1090 Datasheet HTML 92Page - STMicroelectronics STA1090 Datasheet HTML 93Page - STMicroelectronics STA1090 Datasheet HTML 94Page - STMicroelectronics STA1090 Datasheet HTML 95Page - STMicroelectronics STA1090 Datasheet HTML 96Page - STMicroelectronics STA1090 Datasheet HTML 97Page - STMicroelectronics STA1090 Datasheet HTML 98Page - STMicroelectronics STA1090 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 127 page
background image
DS13319 Rev 2
95/127
STA108x, STA109x
Ball list
126
C18
DAC_OUT0L
-
Output
Output
C19
DAC_OUT2L
-
Output
Output
D1
SQI_SCK
-
Output
Input
D2
SQI_SIO1
PU
Input
Input
D3
SQI_CE0n
-
Output
Input
D4
SQI_SIO0
-
Output
Input
D5
GPIO46
PU
GPIO Input
GPIO Input
D6
S_GPIO0
PU
GPIO Input
GPIO Input
D7
S_GPIO1
PU
GPIO Input
GPIO Input
D8
I2C0_SDA
PU
Input
Input
D9
GPIO11
PU
GPIO Input
GPIO Input
D10
GPIO17
PU
GPIO Input
GPIO Input
D11
GPIO18
PU
GPIO Input
GPIO Input
D12
GPIO3
PU
GPIO Input
GPIO Input
D13
M3_CLK32KOUT
-
Output
Output
D14
M3_SXTALO
-
Output
Output
D15
M3_GPIO1
PD
GPIO Input
GPIO Input
D16
M3_GPIO4
PD
GPIO Input
GPIO Input
D17
DAC_VCOM
-
NA
NA
D18
DAC_OUT0R
-
Output
Output
D19
DAC_OUT1R
-
Output
Output
E1
SQI_SIO2
PU
Input
Input
E2
GPIO6
PU
GPIO Input
GPIO Input
E3
GPIO47
PU
GPIO Input
GPIO Input
E4
GPIO48
PU
GPIO Input
GPIO Input
E5
M3_GPIO10
PU
GPIO Input
GPIO Input
E6
VDD_IO
-
NA
NA
E7
VDD_IO
-
NA
NA
E8
VDD_IO
-
NA
NA
E9
VDD
-
NA
NA
E10
VDD
-
NA
NA
E11
JTAGSEL
PD
Input
Input
E12
ADC2_VREFN
-
NA
NA
E13
VDD_IO_ON
-
NA
NA
Table 55. STA108x Ball list (continued)
Ball
Ball name
Pull
up/down
RESET DIR
(REMAP[1:0]=00,01,10)
RESET DIR
(REMAP[1:0]=11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More