データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CML569478 データシート(PDF) 1 Page - Glamox

部品番号 CML569478
部品情報  CAMELEON-R65A WH IP20800 HF 830 38°
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GLAMOX [Glamox]
ホームページ  https://www.glamox.com/
Logo GLAMOX - Glamox

CML569478 データシート(HTML) 1 Page - Glamox

  CML569478 Datasheet HTML 1Page - Glamox CML569478 Datasheet HTML 2Page - Glamox CML569478 Datasheet HTML 3Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10/2/2025
The Company reserves the right to change any product specifications without prior notification.
1/3
CAMELEON-R65A WH IP20
800 HF 830 38°
CAMELEON MINI R is a small downlight for many different
applications such as corridors, bathrooms, entrances and
social areas. It is tiltable and comes in different optics and
IP variants.
Item No.
CML569478
GTIN
5901155694784
Stock status code
M
Technical specifications
Mounting
Product Mounting
Ceiling recessed
General
Product shape
Round
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
7
IEC Protection Class
II
Number Of Luminaire MCB 10B
17
Number Of Luminaire MCB 10C
28
Number Of Luminaire MCB 16B
27
Number Of Luminaire MCB 16C
45
Number Of Luminaire MCB 20C
56
Number Of Luminaire MCB 25C
70
Optic
Beam Angle (°)
38
Optic description
Medium beam
Optic Name
MB - Medium beam
Diffuser Material Design
Clear
Reflector Colour
Silver Faceted
Reflector Material
Plastic
Special
TILT Sector
Oprawa uchylna
Tilt Angle
15
Certificates
Certification
ENEC;HACCP;PZH
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
25
IK classification
05
IP classification
20
Light Technical Data
Light source
LED
Lumen Out (lm)
790
Lumen Per Watt (lm/W)
99
Lamp colour temp (K)
3000
Colour Rendering Index
>80
MacAdam step
3
Light Source Included
true
Dimmable
false
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Number of Driver
1
Lifetime
LED Lifetime L70B50 Ta25 (h)
>100 000
LED Lifetime L80B50 Ta25 (h)
>100 000
LED Lifetime L90B50 Ta25 (h)
70 000
Housing
Body Material
Steel
Body Colour
WH - White
Main Body Colour Name
Traffic white
Main Body Colour RAL code
RAL 9016


同様の部品番号 - CML569478

メーカー部品番号データシート部品情報
logo
Glamox
CML569470 GLAMOX-CML569470 Datasheet
300Kb / 3P
CAMELEON-R65A WH IP20800 DALI 830 60°
CML569471 GLAMOX-CML569471 Datasheet
313Kb / 2P
CAMELEON-R65A WH IP20800 DALI 830 24°
More results

同様の説明 - CML569478

メーカー部品番号データシート部品情報
logo
TRIAD MAGNETICS
VPP24-830 TRIAD-VPP24-830 Datasheet
46Kb / 1P
VPP24-830
logo
TAI-SAW TECHNOLOGY CO.,...
TA0907A TAI-SAW-TA0907A Datasheet
457Kb / 7P
SAW Filter 830 MHz
logo
Adels-Contact
326002 ADELS-326002 Datasheet
120Kb / 1P
GSK 830 V/ 2
326003 ADELS-326003 Datasheet
120Kb / 1P
GSK 830 V/ 3
326005 ADELS-326005 Datasheet
111Kb / 1P
GSK 830 V/ 5
326006 ADELS-326006 Datasheet
111Kb / 1P
GSK 830 V/ 6
326402 ADELS-326402 Datasheet
119Kb / 1P
GSK 830 H/ 2
326404 ADELS-326404 Datasheet
121Kb / 1P
GSK 830 H/ 4
326405 ADELS-326405 Datasheet
111Kb / 1P
GSK 830 H/ 5
326406 ADELS-326406 Datasheet
111Kb / 1P
GSK 830 H/ 6
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com