| データシートサーチシステム |
|
M41T83RM6F データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T83RM6F データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 64 page ![]() DocID012578 Rev 19 61/64 M41T82, M41T83 Package mechanical data 6.4 Carrier tape information Figure 35. Carrier tape for QFN16, SOX18, and SO8 packages Note: Pin 1 orientation is according to EIA standards. T K 0 P 1 A 0 B 0 P 2 P 0 CENTER LINES OF CAVITY W E F D TOP COVER TAPE USER DIRECTION OF FEED AM03073v1 Table 29. Carrier tape dimensions for QFN16, SOX18, and SO8 packages Package W D E P0 P2 F A0 B0 K0 P1 T Unit Bulk Qty QFN16 12.00 ±0.30 1.50 +0.10/ –0.00 1.75 ±0.10 4.00 ±0.10 2.00 ±0.10 5.50 ±0.05 4.30 ±0.10 4.30 ±0.10 1.10 ±0.10 8.00 ±0.10 0.30 ±0.05 mm 1000 SOX18 24.00 ±0.30 1.50 +0.10/ –0.00 1.75 ±0.10 4.00 ±0.10 2.00 ±0.10 11.50 ±0.10 12.70 ±0.10 11.90 ±0.10 3.20 ±0.10 16.00 ±0.10 0.30 ±0.05 mm 1000 SO8 12.00 ±0.30 1.50 +0.10/ –0.00 1.75 ±0.10 4.00 ±0.10 2.00 ±0.10 5.50 ±0.05 6.50 ±0.10 5.30 ±0.10 2.20 ±0.10 8.00 ±0.10 0.30 ±0.05 mm 2500 |