| データシートサーチシステム |
|
M41T83RM6F データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T83RM6F データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 64 page ![]() Clock operation M41T82, M41T83 30/64 DocID012578 Rev 19 Table 6. Digital calibration values Calibration value (binary) Calibration value rounded to the nearest ppm DC4 – DC0 Negative calibration (DCS = 0) to slow a fast clock Positive calibration (DCS = 1) to speed up a slow clock 0 (00000) 0 0 1 (00001) –2 4 2 (00010) –4 8 3 (00011) –6 12 4 (00100) –8 16 5 (00101) –10 20 6 (00110) –12 24 7 (00111) –14 28 8 (01000) –16 33 9 (01001) –18 37 10 (01010) –20 41 11 (01011) –22 45 12 (01100) –24 49 13 (01101) –26 53 14 (01110) –28 57 15 (01111) –31 61 16 (10000) –33 65 17 (10001) –35 69 18 (10010) –37 73 19 (10011) –39 77 20 (10100) –41 81 21 (10101) –43 85 22 (10110) –45 90 23 (10111) –47 94 24 (11000) –49 98 25 (11001) –51 102 26 (11010) –53 106 27 (11011) –55 110 28 (11100) –57 114 29 (11101) –59 118 30 (11110) –61 122 31 (11111) –63 126 N N/491520 (per minute) N/245760 (per minute) |