| データシートサーチシステム |
|
LSF0204DRGYRG4 データシート(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LSF0204DRGYRG4 データシート(HTML) 25 Page - Texas Instruments |
|
25 / 39 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LSF0204DPWR Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LSF204D LSF0204DPWR.B Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LSF204D LSF0204DRGYR Active Production VQFN (RGY) | 14 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 LSF24D LSF0204DRGYR.B Active Production VQFN (RGY) | 14 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 LSF24D LSF0204DRGYRG4 Active Production VQFN (RGY) | 14 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 LSF24D LSF0204DRGYRG4.B Active Production VQFN (RGY) | 14 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 LSF24D LSF0204DRUTR Active Production UQFN (RUT) | 12 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SIO LSF0204DRUTR.B Active Production UQFN (RUT) | 12 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SIO LSF0204DRUTRG4 Active Production UQFN (RUT) | 12 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SIO LSF0204DRUTRG4.B Active Production UQFN (RUT) | 12 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SIO LSF0204DYZPR Active Production DSBGA (YZP) | 12 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 G6 LSF0204DYZPR.B Active Production DSBGA (YZP) | 12 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 G6 LSF0204PWR Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LSF204 LSF0204PWR.B Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LSF204 LSF0204RGYR Active Production VQFN (RGY) | 14 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LSF24 LSF0204RGYR.B Active Production VQFN (RGY) | 14 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LSF24 LSF0204RGYRG4 Active Production VQFN (RGY) | 14 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LSF24 LSF0204RGYRG4.B Active Production VQFN (RGY) | 14 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LSF24 LSF0204RUTR Active Production UQFN (RUT) | 12 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SIN LSF0204RUTR.B Active Production UQFN (RUT) | 12 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SIN LSF0204RUTRG4 Active Production UQFN (RUT) | 12 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SIN LSF0204RUTRG4.B Active Production UQFN (RUT) | 12 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SIN LSF0204YZPR Active Production DSBGA (YZP) | 12 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 G5 LSF0204YZPR.B Active Production DSBGA (YZP) | 12 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 G5 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. Addendum-Page 1 |