| データシートサーチシステム |
|
LSF0204DRGYRG4 データシート(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LSF0204DRGYRG4 データシート(HTML) 27 Page - Texas Instruments |
|
27 / 39 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 18-Jun-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LSF0204DPWR TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LSF0204DRGYR VQFN RGY 14 3000 330.0 12.4 3.75 3.75 1.15 8.0 12.0 Q2 LSF0204DRGYRG4 VQFN RGY 14 3000 330.0 12.4 3.75 3.75 1.15 8.0 12.0 Q2 LSF0204DRUTR UQFN RUT 12 3000 180.0 9.5 1.9 2.3 0.75 4.0 8.0 Q1 LSF0204DRUTRG4 UQFN RUT 12 3000 180.0 9.5 1.9 2.3 0.75 4.0 8.0 Q1 LSF0204DYZPR DSBGA YZP 12 3000 180.0 8.4 1.63 2.08 0.69 4.0 8.0 Q2 LSF0204PWR TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LSF0204RGYR VQFN RGY 14 3000 330.0 12.4 3.75 3.75 1.15 8.0 12.0 Q2 LSF0204RGYRG4 VQFN RGY 14 3000 330.0 12.4 3.75 3.75 1.15 8.0 12.0 Q2 LSF0204RUTR UQFN RUT 12 3000 180.0 9.5 1.9 2.3 0.75 4.0 8.0 Q1 LSF0204RUTRG4 UQFN RUT 12 3000 180.0 9.5 1.9 2.3 0.75 4.0 8.0 Q1 LSF0204YZPR DSBGA YZP 12 3000 180.0 8.4 1.63 2.08 0.69 4.0 8.0 Q2 Pack Materials-Page 1 |