| データシートサーチシステム |
|
AX-SIP-SFEU-API データシート(PDF) 18 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AX-SIP-SFEU-API データシート(HTML) 18 Page - ON Semiconductor |
|
18 / 20 page ![]() AX−SIP−SFEU, AX−SIP−SFEU−API www.onsemi.com 18 Life Support Applications This product is not designed for use in life support appliances, devices or in systems where malfunction of this product can reasonably be expected to result in personal injury. ON Semiconductor customers using or selling this product for use in such applications do so at their own risk and agree to fully indemnify ON Semiconductor for any damages resulting from such improper use or sale. Device Information The following device information can be queried using the AT−Commands AT$I=4, AT$I=5 for the APP version and AT$I=2, AT$I=3 for the chip version. Table 11. DEVICE VERSIONS Product Part Number APP Version SiP Version [0] [1] [0] [1] AX−SIP−SFEU AX−SIP−SFEU−1−01−TX30 0x01 0x01 0x90 0x51 AX−SIP−SFEU−API AX−SIP−SFEU−API−1−01−TX30 0x01 0x01 0x90 0x51 Sigfox is a registered trademark of Sigfox SARL. |