データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8AF6268IUDU データシート(PDF) 71 Page - STMicroelectronics

部品番号 STM8AF6268IUDU
部品情報  Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6268IUDU データシート(HTML) 71 Page - STMicroelectronics

Back Button STM8AF6268IUDU Datasheet HTML 67Page - STMicroelectronics STM8AF6268IUDU Datasheet HTML 68Page - STMicroelectronics STM8AF6268IUDU Datasheet HTML 69Page - STMicroelectronics STM8AF6268IUDU Datasheet HTML 70Page - STMicroelectronics STM8AF6268IUDU Datasheet HTML 71Page - STMicroelectronics STM8AF6268IUDU Datasheet HTML 72Page - STMicroelectronics STM8AF6268IUDU Datasheet HTML 73Page - STMicroelectronics STM8AF6268IUDU Datasheet HTML 74Page - STMicroelectronics STM8AF6268IUDU Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 99 page
background image
DocID14952 Rev 11
71/99
STM8AF6246/48/66/68
Electrical characteristics
93
Figure 39. SPI timing diagram - master mode
1. Measurement points are at CMOS levels: 0.3 VDD and 0.7 VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99