| データシートサーチシステム |
|
HCF4070 データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4070 データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 12 page ![]() Device overview HCF4070 4/12 DocID002061 Rev 5 Figure 3. Logic diagram Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All voltage values are relative to the VSS pin voltage. Table 3. Truth table Inputs Output A, C, E, G B, D, F, H J, K, L, M LL L LH H HL H HH L Table 4. Absolute maximum ratings Symbol Parameter Value Unit VDD Supply voltage -0.5 to +22 V VI DC input voltage -0.5 to VDD + 0.5 V II DC input current 10 mA PD Power dissipation per package 200 mW Power dissipation per output transistor 100 mW Top Operating temperature -55 to +125 °C Tstg Storage temperature -65 to +150 °C Table 5. Recommended operating conditions Symbol Parameter Value Unit VDD Supply voltage 3 to 20 V VI Input voltage 0 to VDD V Top Operating temperature SO14 -55 to 125 °C SO14 (automotive grade) -40 to 125 °C |