データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99DZ120 データシート(PDF) 85 Page - STMicroelectronics

部品番号 L99DZ120
部品情報  Automotive door actuator driver with embedded LIN
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 データシート(HTML) 85 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 81Page - STMicroelectronics L99DZ120 Datasheet HTML 82Page - STMicroelectronics L99DZ120 Datasheet HTML 83Page - STMicroelectronics L99DZ120 Datasheet HTML 84Page - STMicroelectronics L99DZ120 Datasheet HTML 85Page - STMicroelectronics L99DZ120 Datasheet HTML 86Page - STMicroelectronics L99DZ120 Datasheet HTML 87Page - STMicroelectronics L99DZ120 Datasheet HTML 88Page - STMicroelectronics L99DZ120 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 161 page
background image
DS11567 Rev 5
85/161
L99DZ120
Application information
160
Figure 36. Overcurrent recovery mode
4.23
H-bridge control
The PWMH and DIRH inputs control the drivers of the external H-bridge transistors. In
single Motor mode the motor direction can be chosen with the direction input (DIRH), the
duty cycle(a) and frequency with the PWMH input (single mode). With the SPI bits SD (CR
10) and SDS (CR 10) four different slow-decay modes (via drivers and via diode) can be
selected using the high-side or the low-side transistors. Unconnected inputs are defined by
internal pull-down current.
a. If tccp is programmed to 4 µs and frequency to 50 kHz, max duty cycle achievable is 92%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com