データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99DZ120 データシート(PDF) 86 Page - STMicroelectronics

部品番号 L99DZ120
部品情報  Automotive door actuator driver with embedded LIN
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 データシート(HTML) 86 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 82Page - STMicroelectronics L99DZ120 Datasheet HTML 83Page - STMicroelectronics L99DZ120 Datasheet HTML 84Page - STMicroelectronics L99DZ120 Datasheet HTML 85Page - STMicroelectronics L99DZ120 Datasheet HTML 86Page - STMicroelectronics L99DZ120 Datasheet HTML 87Page - STMicroelectronics L99DZ120 Datasheet HTML 88Page - STMicroelectronics L99DZ120 Datasheet HTML 89Page - STMicroelectronics L99DZ120 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 161 page
background image
Application information
L99DZ120
86/161
DS11567 Rev 5
During watchdog long-open window, the H-bridge drivers are forced off until the first valid
watchdog trigger in window mode (setting TRIG = 0 during safe window). The Control
Registers remain accessible during long open window.
4.24
H-bridge driver slew-rate control
The rising and falling slope of the drivers for the external high-side Power-MOS can be slew
rate controlled. If this mode is enabled the gate of the external high-side Power-MOS is
driven by a current source instead of a low-impedance output driver switch as long as the
drain-source voltage over this Power-MOS is below the switch threshold. The current is
programmed using the bits SLEW_x<4:0> (CR 10), which represent a binary number. This
number is multiplied by the minimum current step. This minimum current step is the
maximum source-/sink-current (IGHxrmax / IGHxfmax) divided by 31. Programming
SLEW_x <4:0> to 0 disables the slew rate control and the output is driven by the low-
impedance output driver switch.
Table 50. H-bridge control truth table
Control
pins
Control bits
Failure bits
Output pins
Motor
config
Comment
Nb
1
x
x
0
xxxx
xxx
RL RL RL RL
H-bridge disabled
2
x
x
1
x
x
1
0
0
0
0
RL RL RL RL
Single
Charge pump voltage too low
3
x
x
1
xx
0
x
xx
1
RL RL RL RL
Thermal shutdown
4
x
x
1
x
x
010
00
L
L
L
L
Overvoltage
5
x
x
1
x
x
000
10
L(1) L(1) L(1) L(1)
Short-circuit(1)
6
0
1
1
x
x
0
0
0
0
0
L
H
H
L
Bridge H2/L1 on
7
x
0100000
00
L
H
L
H
Slow-decay mode LS1 and
LS2 on
8
0
0101000
00
L
H
L
L
Slow-decay mode LS1 on
9
1
0101000
00
L
L
L
H
Slow-decay mode LS2 on
10
1
1
1
x
x
0
0
0
0
0
H
L
L
H
Bridge H1/L2 on
11
x
0110000
00
H
L
H
L
Slow-decay mode HS1 and
HS2 on
12
0
0111000
00
L
L
H
L
Slow-decay mode HS1 on
13
1
0111000
00
H
L
L
L
Slow-decay mode HS2 on
1. Only the H-bridge leg (low-side and high-side), in which one MOSFET is in short-circuit condition is switched off. Both
MOSFETs of the other H-bridge leg remain active and driven by DIRH and PWMH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com