データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99LD01 データシート(PDF) 11 Page - STMicroelectronics

部品番号 L99LD01
部品情報  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 データシート(HTML) 11 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 7Page - STMicroelectronics L99LD01 Datasheet HTML 8Page - STMicroelectronics L99LD01 Datasheet HTML 9Page - STMicroelectronics L99LD01 Datasheet HTML 10Page - STMicroelectronics L99LD01 Datasheet HTML 11Page - STMicroelectronics L99LD01 Datasheet HTML 12Page - STMicroelectronics L99LD01 Datasheet HTML 13Page - STMicroelectronics L99LD01 Datasheet HTML 14Page - STMicroelectronics L99LD01 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
DocID025319 Rev 3
11/69
L99LD01
Functional description
68
Figure 3. Operating modes, main states
Table 2. Limp home mode: recovery paths
Transition
Root cause
Action to get back to
normal mode
Response in the
next SPI command
Normal mode
Limp Home VCC1 on
WD timeout
(1st or 2nd WD timeout)
Read and clear status1
AND WD trigger
Fail Safe bit = 0
WD_Fail bit = 0
VCC1 < VCC1_TH for more than
2ms
Fail Safe bit = 0
Vcc1_Uv_To bit = 0
SDI stuck at 0 or 1
Fail Safe bit = 0
SDI_Stuck@ = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69