データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99LD01 データシート(PDF) 23 Page - STMicroelectronics

部品番号 L99LD01
部品情報  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 データシート(HTML) 23 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 19Page - STMicroelectronics L99LD01 Datasheet HTML 20Page - STMicroelectronics L99LD01 Datasheet HTML 21Page - STMicroelectronics L99LD01 Datasheet HTML 22Page - STMicroelectronics L99LD01 Datasheet HTML 23Page - STMicroelectronics L99LD01 Datasheet HTML 24Page - STMicroelectronics L99LD01 Datasheet HTML 25Page - STMicroelectronics L99LD01 Datasheet HTML 26Page - STMicroelectronics L99LD01 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
DocID025319 Rev 3
23/69
L99LD01
Functional description
68
Figure 12. Converter frequency range vs RSF and IRSF vs frequency
2.2.10
Start up LED overvoltage management
The following diagram shows the purpose of delay time windows “tDStart” and “tEnRecov”.
The first delay window tDStart has been thought to ensure an initial time period for charging
the external buffer capacitor of the charge pump C9. When VS is below VSMIN, the LED
overvoltage recovery bit is set. During this time interval, triggered as soon as the battery
voltage VS overcomes VSMIN threshold, the converter remain in a stop condition,
independently from PWM_L. When the tDStart is elapsed (typ. 5 ms), the converter is
released and behaves according to the PWM_L signal provided, that no failure occurs.
If no LED overvoltage comes during the 2nd time interval tEnRecov, LED ov recovery bit is
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69