データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRK.F200 データシート(PDF) 6 Page - International Rectifier

部品番号 IRK.F200
部品情報  MAGN-A-pak??Power Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRK.F200 データシート(HTML) 6 Page - International Rectifier

  IRK.F200 Datasheet HTML 1Page - International Rectifier IRK.F200 Datasheet HTML 2Page - International Rectifier IRK.F200 Datasheet HTML 3Page - International Rectifier IRK.F200 Datasheet HTML 4Page - International Rectifier IRK.F200 Datasheet HTML 5Page - International Rectifier IRK.F200 Datasheet HTML 6Page - International Rectifier IRK.F200 Datasheet HTML 7Page - International Rectifier IRK.F200 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRK.F200.. Series
6
Bulletin I27099 rev. C 03/01
www.irf.com
Fig. 3 - On-state Power Loss Characteristics
Fig. 4 - On-state Power Loss Characteristics
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-state Voltage Drop Characteristics
Fig. 8 - Thermal Impedance Z
thJC Characteristics
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
250
300
350
DC
180
120
90
60
30
RM S Lim it
C o nd uction P eriod
A ve ra g e O n -sta te C urre n t (A)
IR K.F2 00.. Series
Per Ju nctio n
T
= 1 25 C
J
3000
4000
5000
6000
7000
1
10
100
Nu m b er O f E q u a l Am plitu d e Half C yc le C u r re nt Pu lse s (N)
IRK.F20 0.. S eries
Pe r Jun ctio n
In itia l T = 125 C
@ 60 Hz 0.008 3 s
@ 50 Hz 0.010 0 s
At An y Ra ted Loa d C o nd ition An d W ith
Ra ted V
Ap plied Fo llow in g Surge.
RR M
J
3000
4000
5000
6000
7000
8000
0.01
0.1
1
Pu ls e Train D ura tion (s)
M a ximum N o n Rep etitiv e Surge C urren t
V ersus P ulse Tra in D ura tio n. C o ntro l
O f C o nd uction May Not Be Mainta ined .
IRK.F200.. Series
Pe r Jun ctio n
In itial T = 125 C
N o Vo ltag e Re ap plie d
Ra te d V
R e a pp lie d
RR M
J
100
1000
10000
12
3
4
56
7
T = 25 C
J
In sta n ta n e o u s O n -sta te V o lta g e (V )
IR K.F200 .. Series
Per Jun c tio n
T = 12 5 C
J
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
Squ are W a ve P ulse D uratio n (s)
Stea dy State Va lu e:
R
= 0.1 25 K/W
(D C O p era tio n)
IR K.F200.. Series
Per Jun ctio n
thJ C
0
50
100
150
200
250
300
350
0
40
80
120
160
200
RM S Lim it
Cond u c tion A n g le
A ve ra g e O n -sta te C urre n t (A)
180
120
90
60
30
IRK.F20 0.. Series
Per Ju nctio n
T = 1 25 C
J



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com