| データシートサーチシステム |
|
FS3000-EVK データシート(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
FS3000-EVK データシート(HTML) 7 Page - Renesas Technology Corp |
|
7 / 24 page ![]() Environmental Sensors Evaluation Kit Manual R36UH0011EU0103 Rev.1.03 Jul 30, 2024 Page 7 2. Usage Guide After starting the ES-Eval software, the initial window is displayed as shown in Figure 4. The initial display in all operation modes consists of the following blocks: ■ Measurement Control ■ Sensor Select ■ Algorithm Select & Configuration ■ Signal Analysis ■ Plot Control ■ Plot Visualization Note: The ES-EVAL automatically checks upon start if an ESCom firmware update is available. It is recommended to always use the latest firmware for the Communication Board, which can be installed by using the latest ES-EVAL. Figure 4. Initial Display during Measurement (Exemplary for ZMOD4410 and HS4001) |