| データシートサーチシステム |
|
FS3000-EVK データシート(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
FS3000-EVK データシート(HTML) 23 Page - Renesas Technology Corp |
|
23 / 24 page ![]() Environmental Sensors Evaluation Kit Manual R36UH0011EU0103 Rev.1.03 Jul 30, 2024 Page 23 5. Ordering Information Part Number Description ZMOD4410-EVK-HC or HS4000-EVK Evaluation Kit including the ZMOD4410 Sensor Board, HS4001 Temperature/Humidity Sensor, ESCom Board (USB Interface), and USB-C Cable. ZMOD4510-EVK-HC or HS3000-EVK Evaluation Kit including the ZMOD4510 Sensor Board, HS3001 Temperature/Humidity Sensor, ESCom Board (USB Interface), and USB-C Cable. RRH46410-EVK Evaluation Kit including the RRH46410 Sensor Board, HS4001 Temperature/Humidity Sensor, ESCom Board (USB Interface), and USB-C Cable. ZMOD4450-EVK-HC Evaluation Kit including the ZMOD4450 Sensor Board, HiCom Board (USB Interface), and USB Cable. FS3000-EVK Evaluation Kit including the FS3000 Sensor Board, ESCom Board (USB Interface), and USB-C Cable. RRH62000-EVK Evaluation Kit including the RRH62000 Sensor Board, ESCom Board (USB Interface), and USB-C Cable. 6. Revision History Revision Date Description 1.03 Jul 30, 2024 ▪ Added support for the RRH62000 sensor module. 1.02 May 16, 2024 ▪ Added support for the ZMOD4450 RAQ sensor module. ▪ Completed other minor changes. 1.01 Mar 19, 2024 Added support for the FS3000 sensor module. 1.00 Dec 17, 2023 Initial release. |