データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPM34 データシート(PDF) 59 Page - STMicroelectronics

部品番号 STPM34
部品情報  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 データシート(HTML) 59 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 55Page - STMicroelectronics STPM34 Datasheet HTML 56Page - STMicroelectronics STPM34 Datasheet HTML 57Page - STMicroelectronics STPM34 Datasheet HTML 58Page - STMicroelectronics STPM34 Datasheet HTML 59Page - STMicroelectronics STPM34 Datasheet HTML 60Page - STMicroelectronics STPM34 Datasheet HTML 61Page - STMicroelectronics STPM34 Datasheet HTML 62Page - STMicroelectronics STPM34 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 89 page
background image
Table 40. Power offset LSB
Parameter
Value
Power LSB value
LSBP= Vref2∙ 1+R1R2
kint∙AV∙AI∙kS∙calV∙calI∙228 WLSB
Power offset LSB value
LSBPO=LSBP∙22= Vref2∙ 1+R1R2
kint∙AV∙AI∙kS∙calV∙calI∙228∙22 WLSB
Power offset can be compensated by measuring the power value when the current I = 0, if the average value is
not null; the value is due to external influences, then an opposite value should be applied to the power offset
register.
Note:
The apparent power offset OFSx is not added to apparent power, but directly to apparent energy (either RMS or
vectorial apparent energy). In case of vectorial apparent power calculation, an offset applied to active or reactive
energy will be reflected also on the apparent power.
STPM32, STPM33, STPM34
Application calibration
DS10272 - Rev 13
page 59/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89