データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPM34 データシート(PDF) 88 Page - STMicroelectronics

部品番号 STPM34
部品情報  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 データシート(HTML) 88 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 81Page - STMicroelectronics STPM34 Datasheet HTML 82Page - STMicroelectronics STPM34 Datasheet HTML 83Page - STMicroelectronics STPM34 Datasheet HTML 84Page - STMicroelectronics STPM34 Datasheet HTML 85Page - STMicroelectronics STPM34 Datasheet HTML 86Page - STMicroelectronics STPM34 Datasheet HTML 87Page - STMicroelectronics STPM34 Datasheet HTML 88Page - STMicroelectronics STPM34 Datasheet HTML 89Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 88 / 89 page
background image
Figure 54.
Register map 1 ................................................................... 60
Figure 55.
Register map 2 ................................................................... 61
Figure 56.
Register map 3 ................................................................... 61
Figure 57.
Register map 4 ................................................................... 61
Figure 58.
Register map 5 ................................................................... 62
Figure 59.
QFN24L (4x4x1) 0.5 pitch package outline ................................................ 75
Figure 60.
QFN24L (4x4x1) 0.5 pitch recommended footprint........................................... 76
Figure 61.
QFN32L (5x5x1) 0.5 pitch package outline ................................................ 77
Figure 62.
QFN32L (5x5x1) 0.5 pitch recommended footprint........................................... 78
Figure 63.
QFN24L (4x4x1) carrier tape outline .................................................... 79
Figure 64.
QFN32L (5x5x1) carrier tape outline .................................................... 79
Figure 65.
Feed direction of square QFN24L and QFN32L reel ......................................... 80
STPM32, STPM33, STPM34
List of figures
DS10272 - Rev 13
page 88/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89