| データシートサーチシステム |
|
BAT54SWFILM データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BAT54SWFILM データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 15 page ![]() DocID5505 Rev 12 5/15 BAT54 Package information 15 2 Package information Epoxy meets UL94, V0 Lead-free packages In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 11. SOD123 dimension definitions |