| データシートサーチシステム |
|
BAT54JFILM データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BAT54JFILM データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 15 page ![]() DocID5505 Rev 12 13/15 BAT54 Ordering information 15 3 Ordering information Figure 21. Ordering information scheme Table 11. Ordering information Order code Marking Package Weight Base qty Delivery mode BAT54FILM D86 SOT-23 Single 10 mg 3000 Tape and reel BAT54SFILM D88 SOT-23 Serial 10 mg 3000 Tape and reel BAT54CFILM D87 SOT-23 Common cathode 10 mg 3000 Tape and reel BAT54AFILM D84 SOT-23 Common anode 10 mg 3000 Tape and reel BAT54WFILM D73 SOT-323 Single 6 mg 3000 Tape and reel BAT54SWFILM D78 SOT-323 Serial 6 mg 3000 Tape and reel BAT54CWFILM D77 SOT-323 Common cathode 6 mg 3000 Tape and reel BAT54AWFILM D74 SOT-323 Common anode 6 mg 3000 Tape and reel BAT54JFILM 86 SOD-323 5 mg 3000 Tape and reel BAT54JFILM-HQ 86 SOD-323 5 mg 10000 Tape and reel BAT54KFILM 86 SOD-523 1.4 mg 3000 Tape and reel BAT54ZFILM D72 SOD-123 10 mg 3000 Tape and reel |