データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS799 データシート(PDF) 30 Page - Texas Instruments

部品番号 TPS799
部品情報  TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

TPS799 データシート(HTML) 30 Page - Texas Instruments

Back Button TPS799 Datasheet HTML 26Page - Texas Instruments TPS799 Datasheet HTML 27Page - Texas Instruments TPS799 Datasheet HTML 28Page - Texas Instruments TPS799 Datasheet HTML 29Page - Texas Instruments TPS799 Datasheet HTML 30Page - Texas Instruments TPS799 Datasheet HTML 31Page - Texas Instruments TPS799 Datasheet HTML 32Page - Texas Instruments TPS799 Datasheet HTML 33Page - Texas Instruments TPS799 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Jun-2025
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS79912DDCT
SOT-23-
THIN
DDC
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79912DRVT
WSON
DRV
6
250
179.0
8.4
2.2
2.2
1.2
4.0
8.0
Q2
TPS79912YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79912YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79913DDCR
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79913DDCT
SOT-23-
THIN
DDC
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79913YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79915DDCR
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79915DDCRG4
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79915DDCT
SOT-23-
THIN
DDC
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79915YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79915YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS799185DDCR
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS799185DDCRG4
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS799185DDCT
SOT-23-
THIN
DDC
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS799185YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS799185YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79918DDCR
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79918DDCR1G4
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79918DDCT
SOT-23-
THIN
DDC
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79918YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79918YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS799195DRVR
WSON
DRV
6
3000
179.0
8.4
2.2
2.2
1.2
4.0
8.0
Q2
TPS799195DRVT
WSON
DRV
6
250
179.0
8.4
2.2
2.2
1.2
4.0
8.0
Q2
TPS799195YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS799195YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79919YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79920YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79921YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79925DDCR
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79925DDCRG4
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49