| データシートサーチシステム |
|
PD69104B1/F データシート(PDF) 6 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
PD69104B1/F データシート(HTML) 6 Page - Microsemi Corporation |
|
6 / 36 page ![]() 4-Port PoE Manager Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0 3 2.2 Typical Application The following illustration shows a typical application with a simple plug and play PoE solution for a single Ethernet port, switch, or hub. Plug the positive (POS) and negative (NEG) signals into the RJ45 switch jack. Figure 1 • Typical Application Note: Fuses per port are not required for use in circuits with total power level of up to 3 kW, as the PD69104B1/F designed to fulfill limited power source (LPS) requirements per the latest editions of IEC60950-1 and EN60950-1. For more information on detailed schematics of application and layout recommendations, contact your local Microsemi account representative. |