| データシートサーチシステム |
|
PD69104B1/F データシート(PDF) 15 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
PD69104B1/F データシート(HTML) 15 Page - Microsemi Corporation |
|
15 / 36 page ![]() 4-Port PoE Manager Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0 12 The following illustration shows the header bit width. Figure 9 • Header Bit Width 3.15.4 Timeout Mechanisms The UART protocol has a frame timeout mechanism. This mechanism has the following two purposes. Distinguishing between the frame's suffix of 8'f5 and a payload byte with the same value. The mechanism identifies a frame suffix only when it arrives as 2 bytes in a read access or as 4-bytes in a write access; otherwise it is treated as a data byte. Preventing UART communication from getting stuck. A 1-second timeout counter is activated beginning with a start frame (the end of header byte) till a suffix arrival. If a suffix byte does not arrive within that time the transaction is ignored and the slave moves into an IDLE state. The following illustration shows the timeout mechanism. Figure 10 • Timeout Mechanism |