| データシートサーチシステム |
|
NRF51822-CFAC-R データシート(PDF) 67 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF51822-CFAC-R データシート(HTML) 67 Page - Nordic Semiconductor |
|
67 / 130 page ![]() Page 67 nRF51822 Product Specification v3.3 9 Mechanical specifications This chapter covers the mechanical specifications for all chip variants of the nRF51822 chip. The following table lists the cross references to the package sections describing each package variant. Table 64 Cross references to package variants 9.1 QFN48 package Figure 15 QFN48 6 x 6 mm package Table 65 QFN48 dimensions in millimeters Package Cross references QFN48 Section 9.1 “QFN48 package” on page 67 CDAB Section 9.2 “CDAB WLCSP package” on page 68 CEAA Section 9.3 “CEAA WLCSP package” on page 69 CFAC Section 9.4 “CFAC WLCSP package” on page 70 CTAA Section 9.5 “CTAA WLCSP package” on page 71 CTAC Section 9.6 “CTAC WLCSP package” on page 72 Package A A1 A3 b D, E D2, E2 e K L QFN48 (6 x 6) 0.80 0.85 0.90 0.00 0.02 0.05 0.2 0.15 0.20 0.25 6.0 4.50 4.60 4.70 0.4 0.20 0.35 0.40 0.45 Min. Nom. Max. |