| データシートサーチシステム |
|
NRF51822-CFAC-R データシート(PDF) 12 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF51822-CFAC-R データシート(HTML) 12 Page - Nordic Semiconductor |
|
12 / 130 page ![]() Page 12 nRF51822 Product Specification v3.3 2.2 Pin assignments and functions This section describes the pin assignment and the pin functions. 2.2.1 Pin assignment QFN48 Figure 2 Pin assignment - QFN48 packet Note: VV = Variant code, HP = Build code, YYWWLL = Tracking code. For more information, see Section 10.6 “Code ranges and values” on page 76. nRF5102 QFN48 P0.03 1 2 3 4 5 6 7 8 9 10 11 12 25 26 27 28 29 30 31 32 33 34 35 36 P0.05 P0.30 VDD VDD DCC P0.06 AVDD VSS ANT2 ANT1 VDD_PA P0.20 P0.19 P0.17 P0.02 P0.04 P0.07 P0.18 exposed die pad N51822 QFVVHP YYWWLL VSS AVDD DEC2 P0.00 P0.01 |