| データシートサーチシステム |
|
STM32F101XB データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101XB データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 101 page ![]() DocID13586 Rev 17 25/101 STM32F101x8, STM32F101xB Pinouts and pin description 100 12 16 25 9 PA2 I/O - PA2 USART2_TX(8)/ ADC_IN2/TIM2_CH3(8) - 13 17 26 10 PA3 I/O - PA3 USART2_RX(8)/ ADC_IN3/TIM2_CH4(8) - -18 27 - VSS_4 S- VSS_4 -- -19 28 - VDD_4 S- VDD_4 -- 14 20 29 11 PA4 I/O - PA4 SPI1_NSS(8)/ADC_IN4 USART2_CK(8)/ - 15 21 30 12 PA5 I/O - PA5 SPI1_SCK(8)/ADC_IN5 - 16 22 31 13 PA6 I/O - PA6 SPI1_MISO(8)/ADC_IN6 TIM3_CH1(8) - 17 23 32 14 PA7 I/O - PA7 SPI1_MOSI(8)/ADC_IN7 TIM3_CH2(8) - - 24 33 - PC4 I/O - PC4 ADC_IN14 - - 25 34 - PC5 I/O - PC5 ADC_IN15 - 18 26 35 15 PB0 I/O - PB0 ADC_IN8/TIM3_CH3(8) - 19 27 36 16 PB1 I/O - PB1 ADC_IN9/TIM3_CH4(8) - 20 28 37 17 PB2 I/O FT PB2/BOOT1 - - - - 38 - PE7 I/O FT PE7 - - - - 39 - PE8 I/O FT PE8 - - - - 40 - PE9 I/O FT PE9 - - - - 41 - PE10 I/O FT PE10 - - - - 42 - PE11 I/O FT PE11 - - - - 43 - PE12 I/O FT PE12 - - - - 44 - PE13 I/O FT PE13 - - - - 45 - PE14 I/O FT PE14 - - - - 46 - PE15 I/O FT PE15 - - 21 29 47 - PB10 I/O FT PB10 I2C2_SCL/ USART3_TX (8) TIM2_CH3 22 30 48 - PB11 I/O FT PB11 I2C2_SDA/ USART3_RX (8) TIM2_CH4 Table 4. Medium-density STM32F101xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(3)(4) Default Remap |