データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PP000403 データシート(PDF) 1 Page - Multicomp Pro

部品番号 PP000403
部品情報  BS4808 1mm2 (32/0.2mm) PVC Equipment Wire
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MULTICOMP [Multicomp Pro]
ホームページ  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PP000403 データシート(HTML) 1 Page - Multicomp Pro

  PP000403 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
06/04/20
BS4808 1mm2 (32/0.2mm)
PVC Equipment Wire
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications:
Conductor Material
: Tinned Copper
Conductor Area CSA
: 1mm2
Construction
: T0.2± 0.008×32
Stranded Dia. (mm)
: 1.3
Jacket Material
: PVC
Jacket Thickness
: 0.6
Jacket Insulation Dia. (±0.15mm)
: 2.52+0.13/-0.12
Electrical Characteristics:
Max. Conductor DC Resistance at 20°C (Ω/Km)
: <18.8
Min. Insulation DC Resistance at 20°C (MΩ/Km)
: 200
Rated Temperature (°C)
: -25 to 85C
Rated Voltage (V)
: 1,500
Flame Performance
: UL1581VW-1
IEC60332-1
Reference Standard
BS4808 Part 2 Class 3 and Def. Stan. 61-12(Pt6) Type 3
Description
Colour
Reel Length
(m)
Part Number
Wire,
32/0.2mm
Black
100
PP000388
Brown
PP000389
Red
PP000390
Orange
PP000391
Yellow
PP000392
Green
PP000393
Blue
PP000394
Violet
PP000395
Grey
PP000396
White
PP000397
Part Number Table
Description
Colour
Reel Length
(m)
Part Number
Wire,
32/0.2mm
Pink
100
PP000398
Green/Yellow
PP000399
Yellow/Green
PP000400
Black
500
PP000401
Red
PP000402
Blue
PP000403
Brown
PP000404
Pink
PP000405
Yellow
PP000406
Yellow/Green
PP000407
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


同様の部品番号 - PP000403

メーカー部品番号データシート部品情報
logo
Multicomp Pro
PP000408 MULTICOMP-PP000408 Datasheet
139Kb / 1P
Defence Standard/BS4808 63/0.20mm PVC Equipment Wire - 100m Reel
V1.0 18/08/20
PP000409 MULTICOMP-PP000409 Datasheet
139Kb / 1P
Defence Standard/BS4808 63/0.20mm PVC Equipment Wire - 100m Reel
V1.0 18/08/20
More results

同様の説明 - PP000403

メーカー部品番号データシート部品情報
logo
OptoDiode Corp
ODD-1B OPTODIODE-ODD-1B Datasheet
326Kb / 2P
PHOTODIODE: 1mm2
ODD-1 OPTODIODE-ODD-1 Datasheet
301Kb / 2P
PHOTODIODE: 1mm2
ODD-1 OPTODIODE-ODD-1_13 Datasheet
208Kb / 2P
PHOTODIODE: 1mm2
ODD-1B OPTODIODE-ODD-1B_13 Datasheet
209Kb / 2P
PHOTODIODE 1mm2
ODD-1WB OPTODIODE-ODD-1WB Datasheet
207Kb / 2P
PHOTODIODE 1mm2
ODD-1W OPTODIODE-ODD-1W Datasheet
206Kb / 2P
PHOTODIODE 1mm2
logo
List of Unclassifed Man...
PP001185 ETC2-PP001185 Datasheet
445Kb / 9P
Tri-Rated Flexible PVC Equipment Wire
logo
OptoDiode Corp
ODD-1WB OPTODIODE-ODD-1WB_15 Datasheet
253Kb / 2P
PHOTODIODE 1mm2
ODD-1W OPTODIODE-ODD-1W_15 Datasheet
252Kb / 2P
PHOTODIODE 1mm2
ODD-1 OPTODIODE-ODD-1_15 Datasheet
258Kb / 2P
PHOTODIODE 1mm2
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com