| データシートサーチシステム |
|
L3000SX-VM データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L3000SX-VM データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 29 page ![]() ELECTRICAL CHARACTERISTICS (refer to the test circuits of the Figure 12, VDD = + 5V, VSS =- 5V, VB+= +72V, VB– = – 48V, Tamb =+ 25 oC, TTX FILT = 1kΩ) Symbol Parameter Test Conditions Min. Typ. Max. Unit STAND-BY Vls Output Voltage at L3000S Terminals Iline = 0mA Iline = 5mA 30.0 28.2 40.0 38.5 V V Ilcc Short Circuit Current DATA IN (note 1) 000X00X1 5 8.5 mA Iot On/off-hook Detection Threshold 5 8.5 mA Vls Symmetry to Ground Iline = 0mA .75 V STAND BY DENIAL Ilcc Short Circuit Current DATA IN 000X00X0 2 mA DC OPERATION - NORMAL BATTERY (VTTX =2VRMS, low level) Vlo Output Voltage at L3000S Terminals Ilim = 70mA Data in 1000X010 Iline = 0mA Iline = 20mA Iline = 50mA 31.0 24.0 2.5 35.0 28.8 17.5 V V V Ilim Current Programmed Through the Digital Inter. – 10% Ilim + 15% mA Io On-hook Detection Threshold 8 mA If Off-hook Detection Threshold 12 mA Ilgk Longitudinal Line Current with GK Detect 10 17 26 mA DC OPERATION - BOOST BATTERY Vlo Output Voltage at L3000S Terminals Iline = 0mA Iline = 20mA 86 68.6 95.6 81 V V AC OPERATION Ztx Sending Output Impedance 4 Wire Side 10 Ω Zrx Receiving Input Impedance 4 Wire Side 100 k Ω THD Signal Distorsion at 2W and 4W Terminals 0.5 % R1 2W Return Loss f = 300 to 3400Hz 22 dB Thl Trans Hybrid Loss f = 300 to 3400Hz 24 dB Gs Sending Gain Vso = 0dBm f = 1020Hz Norm. Polarity – 0.25 + 0.25 dB Gsf Sending Gain Flatness versus Frequency f = 300 to 3400Hz Respect to 1020Hz – 0.1 + 0.1 dB Gsl Sending Gain Linearity fr = 1020Hz, Vsoref = –10dBm Vso = + 4 /– 40dBm – 0.1 + 0.1 dB Gr Receiving Gain Vri = 0dBm f = 1020Hz Norm. Polarity – 0.25 0 + 0.25 dB Grf Receiving Gain Flatness f = 300 to 3400Hz Respect to 1020 – 0.1 + 0.1 dB No tes : 1. The data into t he digital in terface of L3030 are send i n serial mode. T he f ormat of dat a is the foll ow ing : a) DAT A IN : the bit at left side is BIT 0 of the wri ting w ord, whil e the bit at the ri ght si de i s B IT 7. b) DAT A OUT : the bit at the left side is BI T0 of the readin g wor d, whil e the bit at the ri ght i s BI T4. When appear a symbol X, the val ue of the bit don’ t care. L3000S - L3030 18/29 |