データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L3000SX-VM データシート(PDF) 26 Page - STMicroelectronics

部品番号 L3000SX-VM
部品情報  SUBSCRIBER LINE INTERFACE KIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3000SX-VM データシート(HTML) 26 Page - STMicroelectronics

Back Button L3000SX-VM Datasheet HTML 21Page - STMicroelectronics L3000SX-VM Datasheet HTML 22Page - STMicroelectronics L3000SX-VM Datasheet HTML 23Page - STMicroelectronics L3000SX-VM Datasheet HTML 24Page - STMicroelectronics L3000SX-VM Datasheet HTML 25Page - STMicroelectronics L3000SX-VM Datasheet HTML 26Page - STMicroelectronics L3000SX-VM Datasheet HTML 27Page - STMicroelectronics L3000SX-VM Datasheet HTML 28Page - STMicroelectronics L3000SX-VM Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
FLEXIWATT 15 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.00
0.196
B
1.90
0.074
b1
0.1
0.004
D
4
° (typ.)
E
0.30
0.012
F
0.90
0.035
F1
0.57
0.022
G
1.77
1.9
2.03
0.070
0.075
0.080
G1
26.77
1.054
H1
29.00
1.142
H2
28.00
1.102
H3
17.00
0.669
H4
0.80
0.031
L
19.05
19.95
0.75
0.785
L1
1.10
1.40
0.043
0.055
L2
2.60
2.90
0.102
0.114
L3
15.35
15.65
0.604
0.616
N1
10
0.394
N3
6.8
0.268
N4
3.8
0.15
Dia1
13.00
0.511
H1
H2
H3
Dia.2
Dia.4
H4
Dia.3
G
G1
D
D
F1
A
E
B
FLEX15
b1
F
L3000S - L3030
26/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29