| データシートサーチシステム |
|
L484D1 データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L484D1 データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 11 page ![]() PIN FUNCTIONS (continued) N ° Name Function 14 DRIVER COLLECTOR INPUT The collector current for the internal driver which drives the external darlington is supplied through this pin. The external resistor R10 limits the dissipation in the IC. The value this resistor depends on the darlington used and on the limiting current in the coil. 15 OVERVOLTAGE LIMITATION The external darlington is protected against overvoltage by means of an internal zener available at this pin. The external divider R5/R6 defines the limitation value, typically given by : Vovp = 30 R5 + 5 ⋅ 10−3 ⋅ R6 + 30 16 DRIVING STAGE OUTPUT Current Driver for the External Darlington. To ensure stability on the current limitation loop a capacitor C3 (typically 2.2nF, this value depending on the darlington used) must be connected between this pin and the current sensing input (pin 1). ELECTRICAL CHARACTERISTICS (VS = 14.4V ; TJ = - 40 to 125 °C unless otherwise specified ; referred to the test circuit) Symbol Parameter Test Conditions Min. Typ. Max. Unit VS Operating Supply Voltage 6 28 V VIS Input Stage Voltage (pin 2 with 10K Ω resistor) 160 200 240 mV VTH On Pick-up Thresh. Voltage at LOW RPM (pin 2) VIS–30 VIS+30 mV VSENS Current Limitation Sensing Voltage (pin 1) VS = 6 to 16V 200 320 mV VZC Zero Crossing Thresh. Voltage (pin 8) 3 20 60 mV VH Hysteresis Voltage (pin 8) 100 200 mV I7C I7D I7D/I7C CD WELL Charge Current CD WELL Discharge Current at LOW RPM Vpick-up = 0.5V ; or pin 6 not connected (*) Note 1 0.7 7 7 3 30 15 µA µA I7C I7D I7D/I7C CD WELL Charge Current CD WELL Discharge Current at HIGH RPM Vpick-up = 9V (**) Note 2 8 13 0.7 33 44 3.2 µA µA Vpin3 I3 Threshold Voltage Output Current Tamb = 25 °C (***) Note 3 0.85 4 3 V µA VCp Continuous Coil Current Protection Inhibit LOW Voltage (pin 4). 0 0.7 V VCEsat Series Darlington Driver Saturation Voltage (Vpin 14 - 16) Ipin14 = 150mA Ipin14 = 50mA 0.4 1 0.6 V V VZ Zener Volt. Pin 11 Ipin11 = 140mA 6.5 8.8 V VOVZ External Darlington Overvoltage Protection Zener Voltage Tamb = 25 °C ; Ipin15 = 5 to 15mA 25 35 V I09 Pin 9 Output Current in Low Status V9 = 0V 3 mA VCH ICH Tachometer Signal Output LOW Voltage. (pin5) Output Leakage (pin 5) ON Condition Isink = 0.5mA OFF Condition Vpin5 = 5V 0.7 10 V µA L484 4/11 |