| データシートサーチシステム |
|
L484D1 データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L484D1 データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 11 page ![]() DUMP PROTECTION Symbol Paramater Test Conditions Min. Typ. Max. Unit VDZ Zener Dump (pin 12) Ipin12 = 2mA 7.5 9.5 V (*) Note 1 : TD/T is given by the formula : TD 1 = T 1 + I7D/I7C (**) Note 2 : TD K = T 1 + I7D/I7C K value depends on the pick–up used in the application ; typically K = 0.1 (***) Note 3 : the permanent conduction protection is guaranteed over the full temperature range CIRCUIT OPERATION The L484 controls the charging angle (dwell) and the peak value of the primary current in the coil over the full range of operating conditions. The coil current is limited to a predetermined level by means of a negative feedback circuit including a current sensing resistor, a comparator, the driver stage and the power switch. The dwell control circuit keeps the output stage in its active region during current limitation. The time the output stage is operating in the active region (de- saturation time), is sufficient to compensate for possible variation in the energy stored due to the ac- celeration of the motor ; moreover this time is limited to avoid excessive power dissipation. MAGNETIC PICK–UP CHARACTERISTICS The typical magnetic pickup waveforms are shown in fig. 1, the amplitude of the signal being a function of the frequency. However on the market there are many types of magnetic pickup, of which the wave- forms may differ very much. Adjusting the value of the resistor R11 on pin 2 and/or adding a resistor Ra between the pin 6 (dwell adjust) and pin 11, as shown in the application circuit, it is possible to adapt the L484 to a wide range of magnetic pickup wave- forms. Particularly by means of the resistor R11 on pin 2 it is possible to define the maximum advance of the conduction start into the coil . This is very useful at high pick–up frequency. CONTROL OF THE DWELL ANGLE The dwell angle control circuit defines the conduc- tion time of the output darlington, versus the speed of rotation, the supply voltage and the charac- teristics of the coil. In each cycle the time the transistor operates in the active region is compared with a reference time and the error signal amplified to advance or delay the conduction in the next cycle. To limit the power dissi- pation the desaturation time is typically fixed to 10% of the period T. At very low frequencies the ON thershold is fixed at 200mV of the input signal and the desaturation time is mainly determined by the peak waveform. This positive threshold also prevents permanent conduc- tion when the motor is stopped. When the input fre- quency increases the dwell control gradually sets the desaturation time to 10% of the period. At higher frequencies the ON threshold becomes negative to permit a conduction angle of more than 50% always keeping desaturation time to 10% of the period. CURRENT LIMITING The current in the coil is measured by means of a voltage drop across a suitable resistor in the emitter lead of the power transistor. When the threshold voltage (260mV typ) is reached, the coil current is kept constant via a feedback loop. L484 5/11 |