データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADE7569ASTZF16-RL データシート(PDF) 43 Page - Analog Devices

部品番号 ADE7569ASTZF16-RL
部品情報  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADE7569ASTZF16-RL データシート(HTML) 43 Page - Analog Devices

Back Button ADE7569ASTZF16-RL Datasheet HTML 39Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 40Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 41Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 42Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 43Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 44Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 45Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 46Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 43 of 144
Bit
Mnemonic
Default
Description
3 to 2
VARNOLOAD[1:0]1
00
Reactive Power No-Load Threshold.
VARNOLOAD[1:0]
Result
00
No-load detection disabled
01
No-load detection enabled with threshold = 0.015% of full scale
10
No-load detection enabled with threshold = 0.0075% of full scale
11
No-load detection enabled with threshold = 0.0037% of full scale
1 to 0
APNOLOAD[1:0]
00
Active Power No-Load Threshold.
APNOLOAD[1:0]
Result
00
No-load detection disabled
01
No-load detection enabled with threshold = 0.015% of full scale
10
No-load detection enabled with threshold = 0.0075% of full scale
11
No-load detection enabled with threshold = 0.0037% of full scale
1 This function is not available in the ADE7566 and ADE7166.
Table 36. ACCMODE Register (0x0F)
Bit
Mnemonic
Default
Description
7
ICHANNEL1
0
This bit indicates the current channel used to measure energy in antitampering mode.
0 – Channel A
1 – Channel B
6
FAULTSIGN1
0
Configuration bit to select the event that triggers a fault interrupt.
0 – FAULT interrupt occurs when part enters fault mode
1 – FAULT interrupt occurs when part enters normal mode
5
VARSIGN2
0
Configuration bit to select the event that triggers a reactive power sign interrupt. If set to 0, VARSIGN
interrupt occurs when reactive power changes from positive to negative. If set to 1, VARSIGN
interrupt occurs when reactive power changes from negative to positive.
4
APSIGN
0
Configuration bit to select event that triggers an active power sign interrupt. If set to 0, APSIGN
interrupt occurs when active power changes from positive to negative. If set to 1, APSIGN interrupt
occurs when active power changes from negative to positive.
3
ABSVARM2
0
Logic 1 enables absolute value accumulation of reactive power in energy register and pulse output.
2
SAVARM2
0
Logic 1 enables reactive power accumulation depending on the sign of the active power. If active
power is positive, VAR is accumulated as it is. If active power is negative, the sign of the VAR is
reversed for the accumulation. This accumulation mode affects both the VAR registers (VARHR,
RVARHR, LVARHR) and the pulse output when connected to VAR.2
1
POAM
0
Logic 1 enables positive-only accumulation of active power in energy register and pulse output.
0
ABSAM
0
Logic 1 enables absolute value accumulation of active power in energy register and pulse output.
1 This function is not available in the ADE7566 and ADE7569.
2 This function is not available in the ADE7566 and ADE7166.
Table 37. GAIN Register (0x1B)
Bit
Mnemonic
Default
Description
7 to 5
PGA2[2:0]
000
These bits define the voltage channel input gain.
PGA2[2:0]
Result
000
Gain = 1
001
Gain = 2
010
Gain = 4
011
Gain = 8
100
Gain = 16
4
Reserved
0
Reserved.
3
CFSIGN_OPT
0
This bit defines where the CF change of sign detection (APSIGN or VARSIGN) is implemented.
CFSIGN_OPT
Result
0
Filtered power signal
1
On a per CF pulse basis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com