データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADE7569ASTZF16-RL データシート(PDF) 15 Page - Analog Devices

部品番号 ADE7569ASTZF16-RL
部品情報  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADE7569ASTZF16-RL データシート(HTML) 15 Page - Analog Devices

Back Button ADE7569ASTZF16-RL Datasheet HTML 11Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 12Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 13Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 14Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 15Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 16Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 17Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 18Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 15 of 144
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 11.
Parameter
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
VDD to DGND
−0.3 V to +3.7 V
VBAT to DGND
−0.3 V to +3.7 V
VDCIN to DGND
−0.3 V to VSWOUT + 0.3 V
−0.3 V to VSWOUT + 0.3 V
Input LCD Voltage to AGND, LCDVA,
LCDVB, LCDVC1
THERMAL RESISTANCE
−2 V to +2 V
Analog Input Voltage to AGND, VP, VN, IPA,
and IN
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Digital Input Voltage to DGND
−0.3 V to VSWOUT + 0.3 V
Table 12. Thermal Resistance
Digital Output Voltage to DGND
−0.3 V to VSWOUT + 0.3 V
Operating Temperature Range (Industrial)
−40°C to +85°C
Package Type
θJA
θJC
Unit
Storage Temperature Range
−65°C to +150°C
64-Lead LQFP
60
20.5
°C/W
64-Lead LQFP, Power Dissipation
64-Lead LFCSP
27.1
2.3
°C/W
Lead Temperature
Soldering
300°C
ESD CAUTION
Time
30 sec
1 When used with external resistor divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com