| データシートサーチシステム |
|
STM32L433CBT3P データシート(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433CBT3P データシート(HTML) 62 Page - STMicroelectronics |
|
62 / 227 page ![]() Pinouts and pin description STM32L433xx 62/227 DS11449 Rev 7 Table 15. STM32L433xx pin definitions Pin Number Pin functions Alternate functions Additional functions - - - - - - - 1 B2 PE2 I/O FT_l - TRACECK, TSC_G7_IO1, LCD_SEG38, SAI1_MCLK_A, EVENTOUT - - - - - - - - 2 A1 PE3 I/O FT_l - TRACED0, TSC_G7_IO2, LCD_SEG39, SAI1_SD_B, EVENTOUT - - - - - - - - 3 B1 PE4 I/O FT - TRACED1, TSC_G7_IO3, SAI1_FS_A, EVENTOUT - - - -- - - -4 C2 PE5 I/O FT - TRACED2, TSC_G7_IO4, SAI1_SCK_A, EVENTOUT - - - -- - - -5 D2 PE6 I/O FT - TRACED3, SAI1_SD_A, EVENTOUT RTC_TAMP3/ WKUP3 1 1 B6 B7 1 1 B2 6 E2 VBAT S - - - - 2 2 B7 B8 2 2 A2 7 C1 PC13 I/O FT (1) (2) EVENTOUT RTC_TAMP1/ RTC_TS/ RTC_OUT/ WKUP2 3 3 C7 C8 3 3 A1 8 D1 PC14- OSC32_ IN (PC14) I/O FT (1) (2) EVENTOUT OSC32_IN 4 4 C6 C7 4 4 B1 9 E1 PC15- OSC32_ OUT (PC15) I/O FT (1) (2) EVENTOUT OSC32_OUT - - - - - - - 10 F2 VSS S - - - - -- - - - - - 11 G2 VDD S - - - - 5 5 D7 D8 5 5 C1 12 F1 PH0- OSC_ IN (PH0) I/O FT - EVENTOUT OSC_IN |