| データシートサーチシステム |
|
STM32L433CBT3P データシート(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433CBT3P データシート(HTML) 86 Page - STMicroelectronics |
|
86 / 227 page ![]() Memory mapping STM32L433xx 86/227 DS11449 Rev 7 5 Memory mapping Figure 15. STM32L433xx memory map MSv36892V2 0xFFFF FFFF 0xE000 0000 0xC000 0000 0xA000 1000 0x8000 0000 0x6000 0000 0x4000 0000 0x2000 0000 0x0000 0000 0 1 2 3 4 5 6 7 Cortex™-M4 with FPU Internal Peripherals Peripherals SRAM1 CODE OTP area System memory Flash memory Flash, system memory or SRAM, depending on BOOT configuration AHB2 AHB1 APB2 APB1 0x5006 0C00 0x4800 0000 0x4002 4400 0x4002 0000 0x4001 5800 0x4001 0000 0x4000 9800 0x4000 0000 0x1FFF FFFF 0x1FFF 0000 0x0804 0000 0x0800 0000 0x0004 0000 0x0000 0000 Reserved Reserved Reserved Reserved Reserved Reserved Reserved 0x1000 4000 0x1000 0000 SRAM2 QUADSPI registers Options Bytes 0x1FFF 7000 0x1FFF 7400 0x1FFF 7800 0x1FFF 7810 Reserved QUADSPI registers 0xBFFF FFFF 0xA000 1400 0xA000 1000 Reserved Reserved Reserved 0x5FFF FFFF 0x9000 0000 QUADSPI flash bank SRAM2 0x2000 C000 0xA000 0000 |