データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L4969MD データシート(PDF) 9 Page - STMicroelectronics

部品番号 L4969MD
部品情報  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969MD データシート(HTML) 9 Page - STMicroelectronics

Back Button L4969MD Datasheet HTML 5Page - STMicroelectronics L4969MD Datasheet HTML 6Page - STMicroelectronics L4969MD Datasheet HTML 7Page - STMicroelectronics L4969MD Datasheet HTML 8Page - STMicroelectronics L4969MD Datasheet HTML 9Page - STMicroelectronics L4969MD Datasheet HTML 10Page - STMicroelectronics L4969MD Datasheet HTML 11Page - STMicroelectronics L4969MD Datasheet HTML 12Page - STMicroelectronics L4969MD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
9/35
L4969
1
FUNCTIONAL DESCRIPTION
1.1
General Features
The L4969 is a monolithic integrated circuit which provides all main functions for an automotive body
CAN network.
It features two independent regulated voltage supplies V1 and V2, an interrupt and reset logic with internal clock
generator, Serial Interface and a low speed CAN-bus transceiver which is supplied by a separate third voltage
regulator (V3).
The device guarantees a clearly defined behavior in case of failure, to avoid permanent CAN bus errors.
The device operates in four basic modes, with additional programming for V1 Standbymodes in CTCR:
(*1) Note, that in order to enter either Standby #1 or Standby #2 the Startup-Watchdog has to be acknowledged (see Chapter 1.2), in Standby
#1, the Window Watchdog has to be disabled as described in Chapter 2.5, to allow the decativation of the internal oscillator.
1.1.1 V1 Output Voltage
The V1 regulator uses a DMOS transistor as an output stage. With this structure very low dropout voltage is
obtained. The dropout operation of the standby regulator is maintained down to 4V input supply voltage. The
output voltage is regulated up to the transient input supply voltage of 40V. With this feature no functional inter-
ruption due to overvoltage pulses is generated. The output 1 regulator is switched off in sleep mode.
1.1.2 V2 Output Voltage
The V2 regulator uses the same output structure as the output 1 regulator except to being short circuit proof to
VS, and to be rated for the output current of 200mA. The V2 output can be switched on and off through a ded-
icated enable bit in the control register. In addition a tracking option can be enabled to allow V2 follow V1 with
constant offset. This feature allows consistent A/D conversion inside the
µC (supplied by V1) when the convert-
ed signals are referenced to V2. The maximum voltage that can be applied to V2 is VS + 0.3V up to a max VS
of 40V.
1.1.3 V3 Output Voltage
The third voltage regulator of the device generates the supply voltage for the internal logic and the CAN-trans-
ceiver. In operating mode it is capable of supplying up to 200mA in order to guarantee the required short circuit
current for the CAN_H driver. The sleep and operating modes are switched through a dedicated enable bit.
1.1.4 Internal Supply Voltage
A low power sleep mode regulator supplies the internal logic in sleep mode.
Mode
V1
V2
V3
Timer/WDC
CAN-IF
Ityp
LP1, LP0
(CTCR)
Remarks
Sleep #1
Off
Off Off
Off
Standby
40u
x,x
No Timer based wakeup
Sleep #2
Off
Off Off
On (250KHz)
Standby
80u
x,x
Timer active
Standby #1(*1) On
Off Off
Off
Standby
170u
1,1
No Watchdog or Timer
Standby #2(*1) On
Off Off
On (250KHz)
Standby
210u
1,0
Watchdog or timer active
Standby #3
On
Off Off
On (1MHz)
Standby
440u
0,0
Watchdog or timer activ, POR default
RXOnly
Off
Off On
On (1MHz)
RX-Only
4mA
x,x
Active during Busactivity to filter ID, auto-
matic fall back to Sleep when Bus idle
Normal
On
On On
On (1MHz)
Normal
5mA
x,x
No Currents from CAN or Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35