| データシートサーチシステム |
|
L4969MD データシート(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L4969MD データシート(HTML) 10 Page - STMicroelectronics |
|
10 / 35 page ![]() L4969 10/35 1.2 Power-Up, Initialization and Sleep mode transitions The following state-diagram illustrates the possible mode transitions inside the device. As a prerequisite, a SPI-connection to the uC with the correct CRC-algorythms is required. During the debug phase the NRES line can be forced high externally (connect to V1) to deactivate the startup failure mechanis keeping V1 will alive. Figure 3. STARTUP V1 active V2, V3, CAN off t=320ms STARTUP FAILURE t=1ms (fail ++) fail = 7 FORCED SLEEP WAKEUP V1 off V1 Low RESET low WDC-ACK WDC-ACK WINDOW WATCHDOG REFRESH t=tWIN2 WDC-OK WDC-FAIL NORMAL MODE WINDOW WDC ACTIVE WND SET NORMAL MODE WINDOW WDC DISABLED TIMER ACTIVE WDEN SET TIMEOUT | WDC-ACK NRES Low Programmed DISAR SET DISAR SET WAKEUP WAKEUP&V1_UV Writing to the WDC- register (WDC-ACK) the NORMAL STATE is entered. A missing ACK within 320ms will initiate a STARTUP FAILURE phase (RESET low). If no WDC-ACK is received within seven retrials the voltage regulator V1 will be turned off by entering the FORCED SLEEP state. Dependig on the value from the last WDC-ACK, another one has to be written within the specified time frame (SWDC[1:0]). A failure will activate the STARTUP STATE The Window supervision can temporarily be de- activated for the time programmed during the last WDC-ACK (WDT[3:0]). Upon rewriting (WDC-ACK) or expiry of the timer, the NORMAL STATE is reentered. If during the last WDC-ACK WND has been set (after releasing write lock, see description of Watchdog Control Register) the Win- dow watchdog is deactivated, and no uC supervision is active. TIMER ACTIVE WDEN SET (restart by double WDC-ACK & WDEN) TIMEOUT | WDC-ACK Here the timer can be used to generate time events (i.e. wakeup uC from stop) After POR, V1 up or externally forced reset through low NRES, the STARTUP STATE is entered The forced sleep mode is left upon wakeup through either CAN or edge on WAKE. Applying a permanent wakeup (i.e. both CAN-lines dominant) pre- vents V1 from being turned off (can be used during System debugging) Setting DISAR (see Voltage Regulator Control Register) Voltage regulator V1 is turned off, and the output voltage is decreasing depending on the external load and blocking capacitor. Note, that during this transition no Reset will be generated (due to Debugmode). Upon wakeup howewer NRES will be pulled low, if V1was below the programma- ble reset threshold (V1_UV). Forcing NRES high externally, fail will not be incremented (Emulation) (restart by double WDC-ACK & WDEN) WAKEUP WDC-ACK WDEN SET & SLEEP V1 OFF No Reset WAKEUP &V1_UV No Reset |