データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8065 データシート(PDF) 21 Page - Analog Devices

部品番号 AD8065
部品情報  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8065 データシート(HTML) 21 Page - Analog Devices

Back Button AD8065_06 Datasheet HTML 17Page - Analog Devices AD8065_06 Datasheet HTML 18Page - Analog Devices AD8065_06 Datasheet HTML 19Page - Analog Devices AD8065_06 Datasheet HTML 20Page - Analog Devices AD8065_06 Datasheet HTML 21Page - Analog Devices AD8065_06 Datasheet HTML 22Page - Analog Devices AD8065_06 Datasheet HTML 23Page - Analog Devices AD8065_06 Datasheet HTML 24Page - Analog Devices AD8065_06 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD8065/AD8066
Rev. G | Page 21 of 28
LAYOUT, GROUNDING, AND BYPASSING CONSIDERATIONS
POWER SUPPLY BYPASSING
Power supply pins are actually inputs and care must be taken so
that a noise-free stable dc voltage is applied. The purpose of
bypass capacitors is to create low impedances from the supply
to ground at all frequencies, thereby shunting or filtering most
of the noise.
Decoupling schemes are designed to minimize the bypassing
impedance at all frequencies with a parallel combination of
capacitors. 0.1 μF (X7R or NPO) chip capacitors are critical and
should be as close as possible to the amplifier package. The
4.7 μF tantalum capacitor is less critical for high frequency
bypassing, and, in most cases, only one is needed per board at
the supply inputs.
GROUNDING
A ground plane layer is important in densely packed PC boards
to spread the current minimizing parasitic inductances.
However, an understanding of where the current flows in a
circuit is critical to implementing effective high speed circuit
design. The length of the current path is directly proportional to
the magnitude of parasitic inductances and, therefore, the high
frequency impedance of the path. High speed currents in an
inductive ground return create unwanted voltage noise.
The length of the high frequency bypass capacitor leads is most
critical. A parasitic inductance in the bypass grounding works
against the low impedance created by the bypass capacitor.
Place the ground leads of the bypass capacitors at the same
physical location. Because load currents flow from the supplies
as well, the ground for the load impedance should be at the
same physical location as the bypass capacitor grounds. For the
larger value capacitors, which are effective at lower frequencies,
the current return path distance is less critical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com