データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8065 データシート(PDF) 22 Page - Analog Devices

部品番号 AD8065
部品情報  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8065 データシート(HTML) 22 Page - Analog Devices

Back Button AD8065_06 Datasheet HTML 18Page - Analog Devices AD8065_06 Datasheet HTML 19Page - Analog Devices AD8065_06 Datasheet HTML 20Page - Analog Devices AD8065_06 Datasheet HTML 21Page - Analog Devices AD8065_06 Datasheet HTML 22Page - Analog Devices AD8065_06 Datasheet HTML 23Page - Analog Devices AD8065_06 Datasheet HTML 24Page - Analog Devices AD8065_06 Datasheet HTML 25Page - Analog Devices AD8065_06 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD8065/AD8066
Rev. G | Page 22 of 28
LEAKAGE CURRENTS
Poor PC board layout, contaminants, and the board insulator
material can create leakage currents that are much larger than
the input bias current of the AD8065/AD8066. Any voltage
differential between the inputs and nearby runs sets up leakage
currents through the PC board insulator, for example,
1 V/100 GΩ = 10 pA. Similarly, any contaminants on the board
can create significant leakage (skin oils are a common problem).
To significantly reduce leakage, put a guard ring (shield) around
the inputs and input leads that are driven to the same voltage
potential as the inputs. This way there is no voltage potential
between the inputs and surrounding area to set up any leakage
currents. For the guard ring to be completely effective, it must
be driven by a relatively low impedance source and should
completely surround the input leads on all sides, above and
below, using a multilayer board.
Another effect that can cause leakage currents is the charge
absorption of the insulator material itself. Minimizing the
amount of material between the input leads and the guard ring
helps to reduce the absorption. Also, low absorption materials,
such as Teflon® or ceramic, could be necessary in some
instances.
INPUT CAPACITANCE
Along with bypassing and ground, high speed amplifiers can be
sensitive to parasitic capacitance between the inputs and
ground. A few pF of capacitance reduces the input impedance at
high frequencies, in turn increasing the amplifier’s gain, causing
peaking of the frequency response or even oscillations, if severe
enough. It is recommended that the external passive
components connected to the input pins be placed as close as
possible to the inputs to avoid parasitic capacitance. The ground
and power planes must be kept at a small distance from the
input pins on all layers of the board.
OUTPUT CAPACITANCE
To a lesser extent, parasitic capacitances on the output can cause
peaking and ringing of the frequency response. There are two
methods to effectively minimize their effect:
As shown in Figure 57, put a small value resistor (RS) in
series with the output to isolate the load capacitor from the
amp’s output stage. A good value to choose is 20 Ω (see
Figure 10).
Increase the phase margin with higher noise gains or add a
pole with a parallel resistor and capacitor from −IN to the
output.
RS = 20Ω
VI
AD8065
CL
VO
Figure 57. Output Isolation Resistor
RSH = 1011Ω
VO
RF
CF
CM
RF
CM
CD
CF +CS
CS
VB
IPHOTO
Figure 58. Wideband Photodiode Preamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com